PART |
Description |
Maker |
ABI1103 |
Not All RFID Vendors Ready for the Wal-Mart Challenge, Claims ABI
|
EM Microelectronic - MARIN SA
|
P8SG-247R2EH30 P8SG-0505EH30 P8SG-1205EH30 P8SG-12 |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
IDT54FCT620CTLB IDT54FCT620CTEB IDT54FCT620ATDB ID |
High Frequency Synchronous PWM Buck Controller in a 10-Lead MLPD Package. High Frequency 2-Phase Single or Dual Output Sychronous Step Down Controller with Output Tracking and Sequencing High Frequency 2-Phase, Single or Dual Output Synchronous Step Down Controller with Output Tracking and Sequencing Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
Fairchild Semiconductor, Corp.
|
PN6CU-4812E PN6CU-0505E PN6CU-0512E PN6CU-1205E PN |
Input voltage: 48V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 48V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 3.3V (303mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 PN6CU - XXXXE 1KV交隔W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
MAX6731AUT MAX6731AUTD MAX6732AUT MAX6732AUTD MAX6 |
Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage レP Supervisory Circuits with Independent Watchdog Output
|
Maxim Integrated Products, Inc.
|
VCC1-A3O-34M368 VCC1-A3O-34M816 VCC1-A3O-34M56 VCC |
VCXO, CLOCK, 34.368 MHz, CMOS OUTPUT VCXO, CLOCK, 34.816 MHz, CMOS OUTPUT VCXO, CLOCK, 34.56 MHz, CMOS OUTPUT VCXO, CLOCK, 70.626 MHz, CMOS OUTPUT VCXO, CLOCK, 69.632 MHz, CMOS OUTPUT VCXO, CLOCK, 34.45 MHz, CMOS OUTPUT VCXO, CLOCK, 70 MHz, CMOS OUTPUT VCXO, CLOCK, 97.776 MHz, CMOS OUTPUT VCXO, CLOCK, 53.33 MHz, CMOS OUTPUT VCXO, CLOCK, 19.53 MHz, CMOS OUTPUT VCXO, CLOCK, 53.125 MHz, CMOS OUTPUT VCXO, CLOCK, 89.97804 MHz, CMOS OUTPUT VCXO, CLOCK, 89.472 MHz, CMOS OUTPUT VCXO, CLOCK, 89.512 MHz, CMOS OUTPUT VCXO, CLOCK, 48.33008 VCXO, CLOCK, 8.192 MHz, CMOS OUTPUT VCXO, CLOCK, 14.4 MHz, CMOS OUTPUT VCXO, CLOCK, 125.01 MHz, CMOS OUTPUT VCXO, CLOCK, 106.25 MHz, CMOS OUTPUT VCXO, CLOCK, 125 MHz, CMOS OUTPUT VCXO, CLOCK, 39.497 MHz, CMOS OUTPUT VCXO, CLOCK, 103.68 MHz, CMOS OUTPUT VCXO, CLOCK, 35.5 MHz, CMOS OUTPUT VCXO, CLOCK, 12.222 MHz, CMOS OUTPUT VCXO, CLOCK, 51.156 MHz, CMOS OUTPUT VCXO, CLOCK, 52.5 MHz, CMOS OUTPUT VCXO, CLOCK, 78 MHz, CMOS OUTPUT VCXO, CLOCK, 72 MHz, CMOS OUTPUT VCXO, CLOCK, 27 MHz, CMOS OUTPUT VCXO, CLOCK, 36.5 MHz, CMOS OUTPUT VCXO, CLOCK, 42.4 MHz, CMOS OUTPUT VCXO, CLOCK, 112.5 MHz, CMOS OUTPUT VCXO, CLOCK, 115.2 MHz, CMOS OUTPUT VCXO, CLOCK, 127 MHz, CMOS OUTPUT VCXO, CLOCK, 116.64 MHz, CMOS OUTPUT VCXO, CLOCK, 110 MHz, CMOS OUTPUT VCXO, CLOCK, 16.61 MHz, CMOS OUTPUT VCXO, CLOCK, 50 MHz, CMOS OUTPUT VCXO, CLOCK, 10.24 MHz, CMOS OUTPUT VCXO, CLOCK, 114 MHz, CMOS OUTPUT VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 100 MHz, CMOS OUTPUT VCXO, CLOCK, 20.516 MHz, CMOS OUTPUT VCXO, CLOCK, 128 MHz, CMOS OUTPUT VCXO, CLOCK, 12.5 MHz, CMOS OUTPUT VCXO, CLOCK, 21.71055 MHz, CMOS OUTPUT VCXO, CLOCK, 21.504 MHz, CMOS OUTPUT VCXO, CLOCK, 36.86 MHz, CMOS OUTPUT VCXO, CLOCK, 33.3 MHz, CMOS OUTPUT VCXO, CLOCK, 12 MHz, CMOS OUTPUT VCXO, CLOCK, 41.472 MHz, CMOS OUTPUT VCXO, CLOCK, 67.5 MHz, CMOS OUTPUT VCXO, CLOCK, 41.657 MHz, CMOS OUTPUT VCXO, CLOCK, 42.5 MHz, CMOS OUTPUT VCXO, CLOCK, 42 MHz, CMOS OUTPUT VCXO, CLOCK, 47.404 MHz, CMOS OUTPUT VCXO, CLOCK, 47.197 MHz, CMOS OUTPUT VCXO, CLOCK, 47.40437 MHz, CMOS OUTPUT VCXO, CLOCK, 12.2725 MHz, CMOS OUTPUT VCXO, CLOCK, 28.8 MHz, CMOS OUTPUT VCXO, CLOCK, 12.352 MHz, CMOS OUTPUT VCXO, CLOCK, 28 MHz, CMOS OUTPUT VCXO, CLOCK, 120 MHz, CMOS OUTPUT VCXO, CLOCK, 2.048 MHz, CMOS OUTPUT VCXO, CLOCK, 2 MHz, CMOS OUTPUT VCXO, CLOCK, 24.54 MHz, CMOS OUTPUT VCXO, CLOCK, 17.734 MHz, CMOS OUTPUT VCXO, CLOCK, 15.974 MHz, CMOS OUTPUT
|
Vectron International, Inc.
|
BSP20 BSP19 |
NPN high-voltage transistors INNOLINE: RP100-S_DI - Single Output up to 25A Dual Outputs Total Power up to 100W- Input/Output 1.6kVDC Isolation- Adjustable Output Voltage
|
NXP Semiconductors PHILISP PHILIPS[Philips Semiconductors]
|
SR230-6 SR230-24 SR60 SR660-9 SR110-12 SR110-15 SR |
Single output 20W ~ 660W隆隆 ZTK-89 Single output 20W ~ 660W 单输0660W Single output 20W ~ 660W
|
LAMBDA[DENSEI-LAMBDA] TE Connectivity, Ltd. Rohm Co., Ltd.
|
P6BU-2415E P6BU-0505E P6BU-0512E P6BU-0515E P6BU-0 |
Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU - XXXXE 1KV交隔W的未稳压单输出DIP8 P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU - XXXXE 1KV交隔1W的未稳压单输出DIP8
|
http:// PEAK[PEAK electronics GmbH]
|
K4H511638C-UC K4H511638C-UCA2 K4H511638C-UCB0 K4H5 |
8-Bit, 20 kSPS ADC Serial Out, uProcessor Periph./Standalone, Rem. Op w/Ser. Data Link, Mux option 14-SOIC 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-PDIP -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 512Mb C-die DDR SDRAM Specification 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-PDIP 荤的512Mb芯片DDR SDRAM内存规格
|
http:// Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
DS31407 |
3-Input, 4-Output, Single DPLL Timing IC with Sub-ps Output Jitter Differential
|
Maxim Integrated Products
|
|